Part Number Hot Search : 
LA2120M P8632 M63806KP N82S10 LNA2901L 13003H1 LT347 BQ883
Product Description
Full Text Search
 

To Download SLE66C322PM5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Security & Chip Card ICs SLE 66C322P
16-Bit Security Controller with Memory Management and Protection Unit in 0.22 m CMOS Technology 136-Kbytes ROM, 4352 bytes RAM, 32-Kbytes EEPROM
Short Product Information 08.01
SLE 66C322P Short Product Information
Ref.: SPI SLE 66C322P 0801.doc
This document contains preliminary information on a new product under development. Details are subject to change without notice. Revision History: Current Version 08.01 Previous Releases: Page Subjects (changes since last revision)
Important: Further information is confidential and on request. Please contact: Infineon Technologies AG in Munich, Germany, Security & Chip Card ICs, Tel +49 - (0)89 234-80000 Fax +49 - (0)89 234-81000 E-Mail: security.chipcard.ics@infineon.com
Edition 2001 Published by Infineon Technologies AG, CC Applications Group St.-Martin-Strasse 53, D-81541 Munchen (c) Infineon Technologies AG 2001 All Rights Reserved. Attention please! The information herein is given to describe certain components and shall not be considered as warranted characteristics. Terms of delivery and rights to technical change reserved. We hereby disclaim any and all warranties, including but not limited to warranties of non-infringement, regarding circuits, descriptions and charts stated herein. Infineon Technologies is an approved CECC manufacturer. Information For further information on technology, delivery terms and conditions and prices please contact your nearest Infineon Technologies Office in Germany or our Infineon Technologies Representatives world-wide (see address list). Warnings Due to technical requirements components may contain dangerous substances. For information on the types in question please contact your nearest Infineon Technologies Office. Infineon Technologies Components may only be used in life-support devices or systems with the express written approval of Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered.
SLE 66C322P
16-Bit Security Controller with MMU in 0.22m CMOS Technologie 136 Kbytes ROM, 4352 bytes RAM, 32 Kbytes EEPROM
Features Slim-EEPROM
* * * * * * * * * * * * * * * * *
16-bit microcomputer in 0.22 m CMOS technology Instruction set opcode compatible with standard SAB 8051 processor Enhanced 16-bit arithmetic Additional powerful instructions optimized for chip card applications Dedicated, non-standard architecture with execution time 6 times faster (18 times by PLLmax) than standard SAB 8051 processor at external same clock 134 Kbyte User ROM for application programs Additional 2 Kbyte reserved ROM for Resource Management System (RMS+ light) with intelligent EEPROM write/erase routines 32 Kbytes Slim-EEPROM 4 Kbytes XRAM, 256 Bytes IRAM Memory Management and Protection Unit (MMU) CRC Module Interrupt Module Two 16-bit Autoreload Timer PLL Power saving sleep mode External clock frequency 1 to 7.5 MHz for internal clock 10 MHz UART for handling serial interface in accordance with ISO/IEC 7816 part 3 supporting transmission protocols T=1 and T=0
* * * * * * * * * * * * *
Reading, erasing and writing byte by byte Flexible page mode for 1 to 64 bytes write/erase operation 32 bytes security area (OTP) Fast personalization mode Erase + Write time < 4.5 ms Minimum of 500.000 write/erase cycles at 25C Data retention for a minimum of 10 years EEPROM programming voltage generated on chip
Memory Management and Protection Unit
Addressable memory up to 1 Mbyte Separation OS (system) and application (user) System routines called by traps OS can restrict access to peripherals in application mode Code execution from XRAM possible
Security Features Operation state monitoring mechanism
* * *
Low and high voltage sensors Frequency sensors and filters Glitch Sensor
Memory Security
* * *
I/O routines realized in software executable Supply voltage range: 2.7 V to 5.5 V Current consumption < 10mA @ 5.5 V < 6 mA @ 3.3 V * Temperature range: -25 to +85C * ESD protection larger than 6 kV
* * * * *
16 bytes security PROM, hardware protected Unique chip identification number for each chip MED - memory encryption/decryption device for XRAM, ROM and EEPROM True Random Number Generator with Firmware test function Security optimised layout and layout scrambling
Short Product Information
3/8
08.01
SLE 66C322P
Testmode
Document References
*
Irreversible Lock - Out of testmode
Anti Snooping
* * * * *
* * *
HW-countermeasures against SPA/DPA-, Timing- and DFA-attacks (differential fault analysis - DFA) CRC - Module Non standard dedicated Smart Card CPU - Core
Confidential Data Book SLE 66CxxxP Qualification report Chip delivery specification for wafer with chip-layout (die size, orientation,...) Module specification containing description of package, etc. Qualification report module
Development Tools Overview
*
Support
* *
* * * *
HW-& SW-Tools (Emulator, ROM Monitor, Card Emulator, Simulator, Softmasking) Application notes
Supported Standards
* * * *
ISO/IEC 7816 EMV 2000 GSM 11.1x ETS I TS 102 221
Short Product Information Software Development Kit SDK CC Short Product Information Card Emulator CE66P Short Product Information ROM Monitor RM66P Short Product Information Emulator ET66P Hitex or ET66P KSC Short Product Information Smart Mask Package
Short Product Information
4/8
08.01
SLE 66C322P
Ordering Information Type Package 1 Voltage Range M5 die M5 die M5 Die 2.7 V - 5.5 V - 25C to + 70C 1 MHz - 7.5 MHz 2.7 V - 5.5 V - 25C to + 85C 1 MHz - 5 MHz Temperature Range Frequency Range (ext. Clock frequency)
SLE 66C322P M5 SLE 66C322P C SLE 66C322P-T85 M5 SLE 66C322P-T85 C SLE 66C322P-F7 M5 SLE 66C322P-F7 C
2.7 V - 5.5 V - 25C to + 70C 1 MHz - 5 MHz
Production sites:
* *
Dresden SLE66CxxxP UMC Taiwan SLE66CxxxPU
1
available as wire-bonded module (M5) for embedding in plastic cards or as die (C) for customer packaging
Short Product Information
5/8
08.01
SLE 66C322P
Pin Configuration
VDD
GND
CLK SLE 66C322P
RST
I/O
Figure 1: Pin Configuration Pin Definitions and Functions
Symbol
VCC RST CLK GND I/O
Function
Operating voltage Reset input Processor clock input Ground Bi-directional data port
Short Product Information
6/8
08.01
SLE 66C322P
General Description
SLE 66C322P is another member of Infineon Technologies high-end security controller family in advanced 0.22 m CMOS technology. The CPU provides the high efficiency of the SAB 8051instruction set extended by additional powerful instructions together with enhanced performance, memory sizes and security features. The internal clock frequency can be adjusted up to 10 MHz independent of the clock rate of the terminal with the help of the PLL. The controller IC offers 134 Kbytes of User-ROM, 256 bytes internal RAM, 4096 bytes XRAM and 32 Kbytes Slim-EEPROM. The Memory Management and Protection Unit allows a secure separation of the operating system and the applications. Furthermore the MMU makes a secure downloading of applications possible after the personalization of a card. These new features meet the requirements of the next generation of multi application operating systems. For code compatibility to the SLE 66CxxS family, a transparent mode for the MMU is available which allows you to keep the memory mapping of the SLE 66CxxS products.
Voltage Clock Reset
ROM 136 Kbyte
XRAM 4 Kbyte
EEPROM 32 Kbyte
UART
16-Bit CPU with MMU & ECO 2000 Instruction Set
Address-/Data Bus
Sleep Mode Logic Sensors/Filters
Interrupt
Voltage Regulator
two 16-bit Timer
CRC
RNG
PLL
Figure 2: Block Diagram SLE 66C322P The CRC module allows the easy generation of checksums according to ISO/IEC 3309 (16-BitCRC). To minimize the overall power consumption, the chip card controller IC offers a sleep mode. The UART supports the half-duplex transmission protocols T=0 and T=1 according to ISO/IEC 7816-3. All relevant transmission parameters can be adjusted by software, as e.g. the clock division factor, direct/inverse convention and the number of stop bits. Additionally, the I/O port can be driven by communication routines realized in software. The random number generator (RNG) is able to supply the CPU with true random numbers under all conditions. As an important measure, the chip provides a new and enhanced level of on-chip security features.
Short Product Information
7/8
08.01
SLE 66C322P
In conclusion, the SLE 66C322P fulfills the requirements of today's chip card applications, as GSM, and offers a powerful platform for future multi application cards. The SLE 66C322P integrates outstanding memory sizes, additional peripherals in combination with enhanced performance and optimized power consumption on a minimized die size. Therefore, the SLE 66C322P offers the basis for a generation of new chip card applications.
Short Product Information
8/8
08.01


▲Up To Search▲   

 
Price & Availability of SLE66C322PM5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X